전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCIMX512CJM6C 데이터시트(PDF) 160 Page - Freescale Semiconductor, Inc

부품명 PCIMX512CJM6C
상세설명  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX512CJM6C 데이터시트(HTML) 160 Page - Freescale Semiconductor, Inc

Back Button PCIMX512CJM6C Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 159Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 160Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 161Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 162Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 163Page - Freescale Semiconductor, Inc PCIMX512CJM6C Datasheet HTML 164Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
160
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Package Information and Contact Assignments
4.2.2.2
19
× 19 mm, Signal Assignments, Power Rails, and I/O
Table 114 displays an alpha-sorted list of the signal assignments including power rails.
VDD_ANA_PLL_B
W19
VDD_DIG_PLL_A
U6
VDD_DIG_PLL_B
W18
VDD_FUSE
R7
VDDA
G8, H8, H12, M8, P16, T13
VDDA33
L18
VDDGP
F6, F7, F8, F9, F10, F11, F12, G6, G7, H7, J7, K7
VREFOUT
U15
VREF
R5
VREG
K21
Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O
Contact Name
Contact
Assignment
Power Rail
I/O Buffer Type
Direction after
Reset1
Configuraton
after Reset1
AUD3_BB_CK
C8
NVCC_PER9
GPIO
Input
Keeper
AUD3_BB_FS
A9
NVCC_PER9
GPIO
Input
Keeper
AUD3_BB_RXD
B9
NVCC_PER9
GPIO
Input
Keeper
AUD3_BB_TXD
E9
NVCC_PER9
GPIO
Input
Keeper
BOOT_MODE0
AB21
NVCC_PER3
LVIO
Input
100 k
Ω pull-up
BOOT_MODE1
AB22
NVCC_PER3
LVIO
Input
100 k
Ω pull-up
CKIH1
V19
NVCC_PER3
Analog
Input
Analog
CKIH2
AA20
NVCC_PER3
Analog
Input
Analog
CKIL
Y16
NVCC_SRTC_POW
GPIO
Input
Standard CMOS
CLK_SS
AA21
NVCC_PER3
LVIO
Input
100 k
Ω pull-up
COMP
Y17
AHVDDRGB
Analog
Input
Analog
CSI1_D10
R22
NVCC_HS10
HSGPIO
Input
Keeper
CSI1_D11
R23
NVCC_HS10
HSGPIO
Input
Keeper
CSI1_D12
P22
NVCC_HS10
HSGPIO
Input
Keeper
CSI1_D13
P23
NVCC_HS10
HSGPIO
Input
Keeper
CSI1_D14
M20
NVCC_HS10
HSGPIO
Input
Keeper
Table 113. 19
× 19 mm Ground, Power, Sense, and Reference Contact Assignments (continued)
Contact Name
Contact Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More