| 전자부품 데이터시트 검색엔진 |
|
PCIMX512CJM6C 데이터시트(PDF) 161 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX512CJM6C 데이터시트(HTML) 161 Page - Freescale Semiconductor, Inc |
|
161 / 184 page ![]() Package Information and Contact Assignments i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 Freescale Semiconductor 161 Preliminary—Subject to Change Without Notice CSI1_D15 M21 NVCC_HS10 HSGPIO Input Keeper CSI1_D16 N22 NVCC_HS10 HSGPIO Input Keeper CSI1_D17 N23 NVCC_HS10 HSGPIO Input Keeper CSI1_D18 M22 NVCC_HS10 HSGPIO Input Keeper CSI1_D19 M23 NVCC_HS10 HSGPIO Input Keeper CSI1_D8 E18 NVCC_PER8 GPIO Input Keeper CSI1_D9 A21 NVCC_PER8 GPIO Input Keeper CSI1_HSYNC A20 NVCC_PER8 GPIO Input Keeper CSI1_MCLK B20 NVCC_PER8 GPIO Input Keeper CSI1_PIXCLK F18 NVCC_PER8 GPIO Input Keeper CSI1_VSYNC G18 NVCC_PER8 GPIO Input Keeper CSI2_D12 B8 NVCC_PER9 GPIO Input Keeper CSI2_D13 C7 NVCC_PER9 GPIO Input Keeper CSI2_D14 L20 NVCC_HS4_1 HSGPIO Input Keeper CSI2_D15 L21 NVCC_HS4_1 HSGPIO Input Keeper CSI2_D16 L22 NVCC_HS4_1 HSGPIO Input Keeper CSI2_D17 L23 NVCC_HS4_1 HSGPIO Input Keeper CSI2_D18 D9 NVCC_PER9 GPIO Input Keeper CSI2_D19 A8 NVCC_PER9 GPIO Input Keeper CSI2_HSYNC C18 NVCC_PER8 GPIO Input Keeper CSI2_PIXCLK E19 NVCC_PER8 GPIO Input Keeper CSI2_VSYNC F19 NVCC_PER8 GPIO Input Keeper CSPI1_MISO C10 NVCC_PER10 GPIO Input 100 k Ω pull-up CSPI1_MOSI D10 NVCC_PER10 GPIO Input 100 k Ω pull-up CSPI1_RDY C9 NVCC_PER10 GPIO Input Keeper CSPI1_SCLK A10 NVCC_PER10 GPIO Input 100 k Ω pull-up CSPI1_SS0 E10 NVCC_PER10 GPIO Input 100 k Ω pull-up CSPI1_SS1 B10 NVCC_PER10 GPIO Input 100 k Ω pull-up DI_GP1 H21 NVCC_IPU6 GPIO Input Keeper DI_GP2 J19 NVCC_IPU6 GPIO Input Keeper DI_GP3 H22 NVCC_IPU7 GPIO Input 100 k Ω pull-up DI_GP4 J22 NVCC_IPU7 GPIO Input 100 k Ω pull-up Table 114. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |