| 전자부품 데이터시트 검색엔진 |
|
PCIMX513CJM6C 데이터시트(PDF) 142 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX513CJM6C 데이터시트(HTML) 142 Page - Freescale Semiconductor, Inc |
|
142 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 142 Freescale Semiconductor Preliminary—Subject to Change Without Notice Package Information and Contact Assignments CSI1_D8 A20 NVCC_PER8 GPIO Input Keeper CSI1_D9 B20 NVCC_PER8 GPIO Input Keeper CSI1_HSYNC C19 NVCC_PER8 GPIO Input Keeper CSI1_MCLK F19 NVCC_PER8 GPIO Input Keeper CSI1_PIXCLK D19 NVCC_PER8 GPIO Input Keeper CSI1_VSYNC B19 NVCC_PER8 GPIO Input Keeper CSI2_D12 F11 NVCC_PER9 GPIO Input Keeper CSI2_D13 D8 NVCC_PER9 GPIO Input Keeper CSI2_D14 M25 NVCC_HS4_1 HSGPIO Input Keeper CSI2_D15 M24 NVCC_HS4_1 HSGPIO Input Keeper CSI2_D16 M23 NVCC_HS4_1 HSGPIO Input Keeper CSI2_D17 M22 NVCC_HS4_1 HSGPIO Input Keeper CSI2_D18 A7 NVCC_PER9 GPIO Input Keeper CSI2_D19 C7 NVCC_PER9 GPIO Input Keeper CSI2_HSYNC J20 NVCC_PER8 GPIO Input Keeper CSI2_PIXCLK D21 NVCC_PER8 GPIO Input Keeper CSI2_VSYNC C20 NVCC_PER8 GPIO Input Keeper CSPI1_MISO F12 NVCC_PER10 GPIO Input 100 k Ω pull-up CSPI1_MOSI D9 NVCC_PER10 GPIO Input 100 k Ω pull-up CSPI1_RDY A8 NVCC_PER10 GPIO Input Keeper CSPI1_SCLK D11 NVCC_PER10 GPIO Input 100 k Ω pull-up CSPI1_SS0 D10 NVCC_PER10 GPIO Input 100 k Ω pull-up CSPI1_SS1 F13 NVCC_PER10 GPIO Input 100 k Ω pull-up DI_GP1 F20 NVCC_IPU6 GPIO Input Keeper DI_GP2 K20 NVCC_IPU6 GPIO Input Keeper DI_GP3 H23 NVCC_IPU7 GPIO Input 100 k Ω pull-up DI_GP4 K23 NVCC_IPU7 GPIO Input 100 k Ω pull-up DI1_D0_CS W20 NVCC_IPU2 GPIO Output Low DI1_D1_CS T18 NVCC_IPU2 GPIO Output Low DI1_DISP_CLK J22 NVCC_IPU6 GPIO Output Low DI1_PIN11 V18 NVCC_IPU2 GPIO Output Low DI1_PIN12 W25 NVCC_IPU2 GPIO Output Low Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |