| 전자부품 데이터시트 검색엔진 |
|
PCIMX513CJM6C 데이터시트(PDF) 144 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX513CJM6C 데이터시트(HTML) 144 Page - Freescale Semiconductor, Inc |
|
144 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 144 Freescale Semiconductor Preliminary—Subject to Change Without Notice Package Information and Contact Assignments DISP2_DAT0 T20 NVCC_IPU8 GPIO Input Keeper DISP2_DAT1 P18 NVCC_IPU8 GPIO Input Keeper DISP2_DAT10 R18 NVCC_IPU9 GPIO Input Keeper DISP2_DAT11 V24 NVCC_IPU9 GPIO Input Keeper DISP2_DAT12 M18 NVCC_IPU9 GPIO Input Keeper DISP2_DAT13 U18 NVCC_IPU9 GPIO Input Keeper DISP2_DAT14 U20 NVCC_IPU9 GPIO Input Keeper DISP2_DAT15 V23 NVCC_IPU9 GPIO Input Keeper DISP2_DAT2 U22 NVCC_HS4_2 HSGPIO Input Keeper DISP2_DAT3 U23 NVCC_HS4_2 HSGPIO Input Keeper DISP2_DAT4 U24 NVCC_HS4_2 HSGPIO Input Keeper DISP2_DAT5 U25 NVCC_HS4_2 HSGPIO Input Keeper DISP2_DAT6 R20 NVCC_IPU8 GPIO Input Keeper DISP2_DAT7 V25 NVCC_IPU8 GPIO Input Keeper DISP2_DAT8 L18 NVCC_IPU9 GPIO Input Keeper DISP2_DAT9 V17 NVCC_IPU9 GPIO Input Keeper DISPB2_SER_CLK Y25 NVCC_IPU2 GPIO Output High DISPB2_SER_DIN Y23 NVCC_IPU2 GPIO Input 100 k Ω pull-up DISPB2_SER_DIO Y20 NVCC_IPU2 GPIO Input 100 k Ω pull-up DISPB2_SER_RS W23 NVCC_IPU2 GPIO Output High DN K25 VDDA33 Analog Output – DP K24 VDDA33 Analog Output – DRAM_A0 V4 NVCC_EMI_DRAM DDR2 Output High DRAM_A1 V3 NVCC_EMI_DRAM DDR2 Output High DRAM_A10 T4 NVCC_EMI_DRAM DDR2 Output High DRAM_A11 R1 NVCC_EMI_DRAM DDR2 Output High DRAM_A12 P2 NVCC_EMI_DRAM DDR2 Output High DRAM_A13 R4 NVCC_EMI_DRAM DDR2 Output High DRAM_A14 R2 NVCC_EMI_DRAM DDR2 Output High DRAM_A2 U4 NVCC_EMI_DRAM DDR2 Output High DRAM_A3 U3 NVCC_EMI_DRAM DDR2 Output High DRAM_A4 U1 NVCC_EMI_DRAM DDR2 Output High Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |