| 전자부품 데이터시트 검색엔진 |
|
MPC8377ECVRANDA 데이터시트(PDF) 97 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377ECVRANDA 데이터시트(HTML) 97 Page - Freescale Semiconductor, Inc |
|
97 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 97 Package and Pin Listings USBDR_PWRFAULT/ GPIO2[10]/SD_DAT1 AG13 I/O OVDD — USBDR_STP_SUSPEND AH12 O OVDD 12 USBDR_D0_ENABLEN/GPIO2[0] AG10 I/O OVDD — USBDR_D1_SER_TXD/GPIO2[1] AF13 I/O OVDD — USBDR_D2_VMO_SE0/GPIO2[2] AG11 I/O OVDD — USBDR_D3_SPEED/GPIO2[3] AH11 I/O OVDD — USBDR_D4_DP/GPIO2[4] AG9 I/O OVDD — USBDR_D5_DM/GPIO2[5] AF9 I/O OVDD — USBDR_D6_SER_RCV/GPIO2[6] AH13 I/O OVDD — USBDR_D7_DRVVBUS/GPIO2[7] AH10 I/O OVDD — I2C Interface IIC1_SCL C12 I/O OVDD 2 IIC1_SDA B12 I/O OVDD 2 IIC2_SCL A10 I/O OVDD 2 IIC2_SDA A12 I/O OVDD 2 JTAG Interface TCK B13 I OVDD — TDI E14 I OVDD 4 TDO C13 O OVDD 3 TMS A13 I OVDD 4 TRST_B E11 I OVDD 4 PCI Signals PCI_AD0 P26 I/O OVDD — PCI_AD1 N28 I/O OVDD — PCI_AD2 P29 I/O OVDD — PCI_AD3 P27 I/O OVDD — PCI_AD4 R26 I/O OVDD — PCI_AD5 R29 I/O OVDD — PCI_AD6 T24 I/O OVDD — PCI_AD7 T25 I/O OVDD — PCI_AD8 R27 I/O OVDD — Table 71. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |