전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1043A 데이터시트(PDF) 21 Page - Analog Devices

부품명 ADP1043A
상세설명  Digital Controller for Isolated Power Supply Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1043A 데이터시트(HTML) 21 Page - Analog Devices

Back Button ADP1043A Datasheet HTML 17Page - Analog Devices ADP1043A Datasheet HTML 18Page - Analog Devices ADP1043A Datasheet HTML 19Page - Analog Devices ADP1043A Datasheet HTML 20Page - Analog Devices ADP1043A Datasheet HTML 21Page - Analog Devices ADP1043A Datasheet HTML 22Page - Analog Devices ADP1043A Datasheet HTML 23Page - Analog Devices ADP1043A Datasheet HTML 24Page - Analog Devices ADP1043A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
ADP1043A
Rev. 0 | Page 21 of 72
Figure 25 shows the possible signals on the share bus.
LOGIC 1
LOGIC 0
IDLE
PREVIOUS
BIT
NEXT
BIT
t1
t0
tBIT
Figure 25. Share Bus High, Low, and Idle Bits
The length of a bit (tBIT) is fixed at 10 μs. A Logic 1 is defined as
a high-to-low transition at the start of the bit and a low-to-high
transition at 75% of tBIT. A Logic 0 is defined as a high-to-low
transition at the start of the bit and a low-to-high transition at
25% of tBIT.
The bus is idle when it is high during the whole period of tBIT.
All other activity on the bus is illegal. Glitches up to tGLITCH
(200 ns) are ignored.
The digital word that represents the current information is eight
bits long. The ADP1043A takes the eight MSBs of the CS1 or CS2
reading (whichever the user chooses as the current share signal)
and uses this reading as the digital word. When read, the share
bus value at any given time is equal to the CS1 or CS2 current
reading (see Figure 26).
Digital Share Bus Scheme
Each power supply compares the digital word that it is outputting
with the digital words of all the other supplies on the bus.
Round 1
In Round 1, every supply first places its MSB on the bus. If a
supply senses that its MSB is the same as the value on the bus, it
continues to Round 2. If a supply senses that its MSB is less than
the value on the bus, it means that this supply must be a slave.
When a supply becomes a slave, it stops communicating on the
share bus because it knows that it is not the master. The supply
then increases its output voltage in an attempt to share more
current.
If two units have the same MSB, they both continue to Round 2,
because either of them could be the master.
Round 2
In Round 2, all supplies that are still communicating on the bus
place their second MSB on the share bus. If a supply senses that
its MSB is less than the value on the bus, it means that this
supply must be a slave and it stops communicating.
Round 3 to Round 8
The same algorithm is repeated for up to eight rounds to allow
supplies to compare their digital words and, in this way, to
determine whether each unit is the master or a slave.
Digital Share Bus Configuration
The digital share bus can be configured in various ways.
The bandwidth of the share bus loop is programmable in
Register 0x29[2:0]. The extent to which a slave tries to match
the current of the master can be selected by programming
Register 0x2A[3:0]. The primary side or the secondary side
can be used as the current share signal by programming
Register 0x29[3].
A load line may be required between PSUs when using a digital
share bus. A minimum impedance of 15 mΩ is recommended
between the remote voltage sense node and the load.
CURRENT
SENSE
ADC
15.26µV = 1 LSB
35mV/15.26µV = 2293
MASTER
+
35mV
–
DIGITAL
WORD
DIGITAL
FILTER
÷16
12-BIT
2293 DEC
0x8F5
8-BIT
143 DEC
0x8F
0x8F
SHAREi
CS2+
CS2–
VDD
SHARE
BUS
8-BIT
WORD
0x8F
8-BIT
WORD
0x8F
SHAREo
IOUT = 35A
1m
Ω
PSU A
Figure 26. How the Share Bus Generates the Digital Word to Place on the Digital Share Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com