전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATmega162-16PI 데이터시트(PDF) 19 Page - ATMEL Corporation

부품명 ATmega162-16PI
상세설명  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI 데이터시트(HTML) 19 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 14Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 15Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 16Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 17Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 18Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 19Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 20Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 21Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
2513KS–AVR–07/09
ATmega162/V
Datasheet
Revision
History
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section are referring to the document revision.
Changes from Rev.
2513J-08/07 to
Rev. 2513K-07/09
1.
Updated “Errata” on page 314.
2.
Updated the last page with Atmel’s new adresses.
Changes from Rev.
2513I-04/07 to Rev.
2513J-08/07
1.
Updated “Features” on page 1.
2.
Added “Data Retention” on page 7.
3.
Updated “Errata” on page 314.
4.
Updated “Version” on page 205.
5.
Updated “C Code Example(1)” on page 172.
6.
Updated Figure 18 on page 35.
7.
Updated “Clock Distribution” on page 35.
8.
Updated “SPI Serial Programming Algorithm” on page 246.
9.
Updated “Slave Mode” on page 162.
Changes from Rev.
2513H-04/06 to
Rev. 2513I-04/07
1.
Updated “Using all 64KB Locations of External Memory” on page 34.
2.
Updated “Bit 6 – ACBG: Analog Comparator Bandgap Select” on page 195.
3.
Updated V
OH conditions in“DC Characteristics” on page 264.
Changes from Rev.
2513G-03/05 to
Rev. 2513H-04/06
1.
Added “Resources” on page 7.
2.
Updated “Calibrated Internal RC Oscillator” on page 38.
3.
Updated note for Table 19 on page 50.
4.
Updated “Serial Peripheral Interface – SPI” on page 157.
Changes from Rev.
2513F-09/03 to
Rev. 2513G-03/05
1.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead Frame Package
QFN/MLF”.
2.
Updated “Electrical Characteristics” on page 264
3.
Updated “Ordering Information” on page 14
Changes from Rev.
2513D-04/03 to
Rev. 2513E-09/03
1.
Removed “Preliminary” from the datasheet.
2.
Added note on Figure 1 on page 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com