전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2N7002 데이터시트(PDF) 2 Page - Champion Microelectronic Corp.

부품명 CMT2N7002
상세설명  SMALL SIGNAL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHAMP [Champion Microelectronic Corp.]
홈페이지  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CMT2N7002 데이터시트(HTML) 2 Page - Champion Microelectronic Corp.

  CMT2N7002 Datasheet HTML 1Page - Champion Microelectronic Corp. CMT2N7002 Datasheet HTML 2Page - Champion Microelectronic Corp. CMT2N7002 Datasheet HTML 3Page - Champion Microelectronic Corp. CMT2N7002 Datasheet HTML 4Page - Champion Microelectronic Corp. CMT2N7002 Datasheet HTML 5Page - Champion Microelectronic Corp. CMT2N7002 Datasheet HTML 6Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CMT2N7002
SMALL SIGNAL MOSFET
2009/07/17 Rev. 1.8
Champion Microelectronic Corporation
Page 2
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25℃.
CMT2N7002
Characteristic
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
(VGS = 0 V, ID = 10 μA)
V(BR)DSS
60
V
Drain-Source Leakage Current
(VDS = 60 V, VGS = 0 V)
(VDS = 60 V, VGS = 0 V, TJ = 125℃)
IDSS
1.0
0.5
μ
A
mA
Gate-Source Leakage Current-Forward (Vgsf = 20 V)
IGSSF
100
nA
Gate-Source Leakage Current-Reverse (Vgsf = -20 V)
IGSSF
-100
nA
Gate Threshold Voltage *
(VDS = VGS, ID = 250 μA)
VGS(th)
1.0
2.5
V
On-State Drain Current (VDS ≧ 2.0 VDS(on), VGS = 10V)
Id(on)
500
mA
Static Drain-Source On-Resistance *
(VGS = 10 V, ID = 0.5A)
(VGS = 10 V, ID = 0.5A, TJ = 125℃)
(VGS = 5.0 V, ID = 50mA)
(VGS = 5.0 V, ID = 50mA, TJ = 125℃)
RDS(on)
7.5
13.5
7.5
13.5
Drain-Source On-Voltage *
(VGS = 10 V, ID = 0.5A)
(VGS = 5.0 V, ID = 50mA)
VDS(on)
3.75
0.375
V
Forward Transconductance (VDS ≧ 2.0 VDS(on), ID = 200mA) *
gFS
80
mmhos
Input Capacitance
Ciss
50
pF
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
(VDS = 25 V, VGS = 0 V,
f = 1.0 MHz)
Crss
5.0
pF
Turn-On Delay Time
td(on)
20
ns
Turn-Off Delay Time
(VDD = 25 V, ID = 500 mA,
Vgen = 10 V, RG = 25Ω, RL = 50Ω) *
td(off)
40
ns
Diode Forward On-Voltage (IS = 115 mA, VGS = 0V)
VSD
-1.5
V
Source Current Continuous (Body Diode)
IS
-115
mA
Source Current Pulsed
ISM
-800
mA
* Pulse Test: Pulse Width ≦300μs, Duty Cycle ≦2%



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com