전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRS2608DSPBF 데이터시트(PDF) 13 Page - International Rectifier

부품명 IRS2608DSPBF
상세설명  HALF-BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRS2608DSPBF 데이터시트(HTML) 13 Page - International Rectifier

Back Button IRS2608DSPBF Datasheet HTML 9Page - International Rectifier IRS2608DSPBF Datasheet HTML 10Page - International Rectifier IRS2608DSPBF Datasheet HTML 11Page - International Rectifier IRS2608DSPBF Datasheet HTML 12Page - International Rectifier IRS2608DSPBF Datasheet HTML 13Page - International Rectifier IRS2608DSPBF Datasheet HTML 14Page - International Rectifier IRS2608DSPBF Datasheet HTML 15Page - International Rectifier IRS2608DSPBF Datasheet HTML 16Page - International Rectifier IRS2608DSPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.irf.com
13
IRS2608DSPbF
Negative VS Transient SOA
A common problem in today’s high-power switching converters is the transient response of the switch node’s voltage as
the power switches transition on and off quickly while carrying a large current. A typical 3-phase inverter circuit is
shown in Figure 10; here we define the power switches and diodes of the inverter.
If the high-side switch (e.g., the IGBT Q1 in Figures 11 and 12) switches off, while the U phase current is flowing to an
inductive load, a current commutation occurs from high-side switch (Q1) to the diode (D2) in parallel with the low-side
switch of the same inverter leg. At the same instance, the voltage node VS1, swings from the positive DC bus voltage to
the negative DC bus voltage.
Figure 10: Three phase inverter
Q1
ON
D2
VS1
Q2
OFF
IU
DC+ BUS
DC- BUS
Figure 11: Q1 conducting
Figure 12: D2 conducting
Also when the V phase current flows from the inductive load back to the inverter (see Figures 13 and 14), and Q4 IGBT
switches on, the current commutation occurs from D3 to Q4. At the same instance, the voltage node, VS2, swings from
the positive DC bus voltage to the negative DC bus voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23