전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP3003 데이터시트(PDF) 7 Page - Littelfuse

부품명 SP3003
상세설명  Low Capacitance ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 데이터시트(HTML) 7 Page - Littelfuse

  SP3003 Datasheet HTML 1Page - Littelfuse SP3003 Datasheet HTML 2Page - Littelfuse SP3003 Datasheet HTML 3Page - Littelfuse SP3003 Datasheet HTML 4Page - Littelfuse SP3003 Datasheet HTML 5Page - Littelfuse SP3003 Datasheet HTML 6Page - Littelfuse SP3003 Datasheet HTML 7Page - Littelfuse SP3003 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
41
©2008 Littelfuse, Inc.
Silicon Protection ArraysTM
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
Embossed Carrier Tape & Reel Specifications - SOT553 and SOT563
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.072
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.076
0.080
D
1.40
1.60
0.055
0.062
D1
0.45
0.55
0.017
0.021
P0
3.90
4.10
0.153
0.161
10P0
40.0+/- 0.20
1.574+/-0.007
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
1.73
1.83
0.068
0.072
B0
1.73
1.83
0.068
0.072
K0
0.64
0.74
0.025
0.029
t
0.22 max
0.008 max
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP3003-02JTG
SC70-5
FX2
3000
SP3003-02XTG
SOT553
FX2
5000
SP3003-04ATG
MSOP-10
FX4
3000
SP3003-04JTG
SC70-6
FX4
3000
SP3003-04XTG
SOT563
FX4
5000
Embossed Carrier Tape & Reel Specifications - SC70-5 and SC70-6
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.072
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.076
0.080
D
1.40
1.60
0.055
0.062
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.153
0.161
10P0
40.0+/- 0.20
1.574+/-0.007
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.14
2.34
0.084
0.092
B0
2.24
2.44
0.088
0.960
K0
1.12
1.32
0.044
0.052
t
0.27 max
0.010 max



Html Pages

1 2 3 4 5 6 7 8