| 전자부품 데이터시트 검색엔진 |
|
USB2517 데이터시트(PDF) 28 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2517 데이터시트(HTML) 28 Page - SMSC Corporation |
|
28 / 72 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet Revision 1.0 (3-11-09) 28 SMSC USB251x DATASHEET I/O12 Input/Output buffer with 12 mA sink and 12 mA source. I/OSD12 Open drain with Schmitt trigger and 12 mA sink. Meets the I2C-Bus specification, version 2.1, requirements. ICLKx XTAL clock input. OCLKx XTAL clock output. I-R RBIAS. I/O-U Analog Input/Output defined in USB specification. Table 5.3 Buffer Type Descriptions (continued) BUFFER DESCRIPTION |