전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GM66150 데이터시트(PDF) 2 Page - Gamma Microelectronics Inc.

부품명 GM66150
상세설명  1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMMA [Gamma Microelectronics Inc.]
홈페이지  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66150 데이터시트(HTML) 2 Page - Gamma Microelectronics Inc.

  GM66150_1 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM66150_1 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66150_1 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66150_1 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66150_1 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66150_1 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66150_1 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66150_1 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66150_1 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
GM66150 Series
1.5A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Marking Information and Pin Configurations (Top View)
GM66150
(Pb Free)
TO 220
TO 263
(D
2-PAK)
SOT223
GM66150 (Green Product)
TO 220
TO 263
(D
2-PAK)
SOT223
G: Green Product
VV: Voltage suffix (15 = 1.5V, 50 = 5.0V…A = Adj)
A: Assembly / Test site code
Y: Year
WW: Week
GM66150
VVAYWW
GM66150
VVAYWW
GM66150
VVAYWW
GM66150G
VVAYWW
GM66150G
VVAYWW
GM66150G
VVAYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com