| 전자부품 데이터시트 검색엔진 |
|
VP3-0780-R 데이터시트(PDF) 7 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
VP3-0780-R 데이터시트(HTML) 7 Page - Cooper Bussmann, Inc. |
|
7 / 8 page ![]() Each VERSA-PAC can be configured in a variety of ways by simply connecting pins together on the Printed Circuit Board (PCB). As shown below, the connections on the PCB are equal to the pin configuration statement shown at the bottom of the schematic symbol. Connecting a number of windings in parallel will increase the current carrying capability, while connecting in series will multiply the inductance. Each VERSA-PAC part can be configured in at least 6 combinations for inductor use or configured in at least 15 turns ratios for transformer applications. Given 25 VERSA-PAC part numbers, this allows for at least 500 magnetic configurations. The PCM configurations can either be created by the designer or simply chosen from the existing PCM diagrams. The following inductor example shows 6 windings in series, which result in an inductance of 36 times the base inductance and 1 times the base current. 1 12 2 11 3 10 4 1 112 6 Component View 7 7 = 36 times the base Inductance from Data Table. L TOTAL = 36 x LBASE 9 5 8 6 7 PIN CONFIGURATIONS (2,12)(3,11)(4,10)(5,9)(6,8) INDUCTOR EXAMPLE FOR SIZES VP3, VP4 AND VP5 HOW TO PIN -CONFIGURE VERSA-PAC ® The PCM configurations may be selected from the examples on the following pages or created by the designer. Six PCM inductor and fifteen PCM transformer configurations and equivalent circuit schematics are shown. The printed circuit board layout in each example illustrates the connections to obtain the desired inductance or turns ratio. The examples may be used by the PCB designer to configure VERSA-PAC as desired. To assist the designer, VERSA-PAC phasing, coupling and thermal issues have been considered in each of the PCM configurations illustrated. Additionally, the inductance and current ratings, as a function of the respective base values from the following Data Tables, are shown in each PCM example. Turns ratios are also given for each PCM Transformer shown. It is important to carefully select the proper VERSA-PAC part in order to minimize the component size without exceeding the RMS current capability or saturating the core. The Data Tables indicate maximum ratings. TRANSFORMER EXAMPLE FOR SIZES VP3, VP4 AND VP5 1 12 2 11 3 10 4 112 67 9 5 8 6 7 1 12 2 7 L PRIMARY = 1 x LBASE I PRI = 1 x IBASE I SEC = 1 x IBASE 1:5 PIN CONFIGURATIONS (3,11)(4,10)(5,9)(6,8) Each VERSA-PAC may be used in at least 15 transformer applications. More than 375 transformer combinations may be achieved using the available 25 VERSA-PAC parts. ® VERSA-PAC® Inductors and Transformers (Surface Mount) |