전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPC7583BATR 데이터시트(PDF) 21 Page - Clare, Inc.

부품명 CPC7583BATR
상세설명  Line Card Access Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583BATR 데이터시트(HTML) 21 Page - Clare, Inc.

Back Button CPC7583BATR Datasheet HTML 13Page - Clare, Inc. CPC7583BATR Datasheet HTML 14Page - Clare, Inc. CPC7583BATR Datasheet HTML 15Page - Clare, Inc. CPC7583BATR Datasheet HTML 16Page - Clare, Inc. CPC7583BATR Datasheet HTML 17Page - Clare, Inc. CPC7583BATR Datasheet HTML 18Page - Clare, Inc. CPC7583BATR Datasheet HTML 19Page - Clare, Inc. CPC7583BATR Datasheet HTML 20Page - Clare, Inc. CPC7583BATR Datasheet HTML 21Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
CPC7583
R06
www.clare.com
21
3.3 Soldering
3.3.1 Moisture Reflow Sensitivity
Clare has characterized the moisture reflow sensitivity
for this product using IPC/JEDEC standard
J-STD-020. Moisture uptake from atmospheric
humidity occurs by diffusion. During the solder reflow
process, in which the component is attached to the
PCB, the whole body of the component is exposed to
high process temperatures. The combination of
moisture uptake and high reflow soldering
temperatures may lead to moisture induced
delamination and cracking of the component. To
prevent this, this component must be handled in
accordance with IPC/JEDEC standard J-STD-033 per
the labeled moisture sensitivity level (MSL), level 1 for
the SOIC package, and level 3 for the DFN package.
3.3.2 Reflow Profile
For proper assembly, this component must be
processed in accordance with the current revision of
IPC/JEDEC standard J-STD-020. Failure to follow the
recommended guidelines may cause permanent
damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
3.4 Washing
Clare does not recommend ultrasonic cleaning of this
part.
RoHS
2002/95/EC
e3
Pb
Specifications: DS-CPC7583 - R06
© Copyright 2009, Clare, Inc.
All rights reserved. Printed in USA.
10/15/2009
For additional information please visit www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses or indemnity are expressed or implied. Except as set
forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty relating to its
products, including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized, or warranted for use as components in systems intended for surgical implant into
the body, or in other applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a
person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21