전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MX884HTTR 데이터시트(PDF) 2 Page - IXYS Corporation

부품명 MX884HTTR
상세설명  High-Side Current Monitor With 10-Bit Serial Digital Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX884HTTR 데이터시트(HTML) 2 Page - IXYS Corporation

  MX884HTTR Datasheet HTML 1Page - IXYS Corporation MX884HTTR Datasheet HTML 2Page - IXYS Corporation MX884HTTR Datasheet HTML 3Page - IXYS Corporation MX884HTTR Datasheet HTML 4Page - IXYS Corporation MX884HTTR Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MX884
2
12/20/06
MX884
IXYS
Absolute Maximum Ratings
TA = +25°C unless otherwise noted, Voltages with respect to GND = 0V
Parameter
Symbol
Min
Max
Unit
IN Supply Voltage
70
V
LOAD
70
V
SCK, CS Input Voltage
6
V
SDO Open Drain Pull Up Voltage
6
V
Operating Temperature Range
TA
-40
+85
°C
Storage Temperature Range
TSTG
-55
+150
°C
Absolute Maximum Ratings are stress
ratings. Stresses in excess of these
ratings can cause permanent damage to
the device. Functional operation of the
device at these or any other conditions
beyond those indicated in the operational
sections of this data sheet is not implied.
Exposure of the device to the absolute
maximum ratings for an extended period
may degrade the device and affect its
reliability.
Pin Description and Configuration
Pin No.
Name
Description
1
SCK
Serial Clock
2
GND
Ground
3
LOAD
Load-Side Connection to the External Sense Resistor
4
IN
Positive Supply Terminal and Power Connection for the External Sense Resistor
5
CS
Chip Select (Active Low)
6
SDO
Serial Data Output (Open Drain)
DC Electrical Characteristics
VIN = 5 V, T = +25°C
Parameter
Condition
Min
Typ
Max
Unit
Operating Voltage Range (VIN)
3
60
V
Supply Current
ILOAD=0
0.25
mA
Average A/D Reading
10 mV Sense
Voltage
90
100
110
LSB
Average A/D Reading
100 mV Sense
Voltage
992
1000
1008
LSB
Output Noise
CS 10nF parallel
RS=10 ohm
1.5
RMS LSB
SCK pulse period
5
µS
SCK pulse width
high or low
200
nS
CS pulse period
100
µS
CS falling to first SCK rising
200
nS
Last SCK falling to CS rising
100
nS
SDO falling
80
nS
SCK falling to SDO valid
SDO rising
Depends on SDO R, C
Preliminary
Drawing No. 088423
www.claremicronix.com



Html Pages

1 2 3 4 5