| 전자부품 데이터시트 검색엔진 |
|
TLE4208G 데이터시트(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4208G 데이터시트(HTML) 13 Page - Infineon Technologies AG |
|
13 / 14 page ![]() TLE 4208 Data Sheet 13 2004-02-27 Diagrams Quiescent current I S over Temperature Saturation Voltage of Sink V SAT L over Temperature 0 -50 0 50 A 150 50 Ι S C AED02352 100 T j 10 20 30 40 S V = 18 V = 13.2 V VS = 8 V VS µ AED02309 -50 0 mV SAT L V ˚C 0 50 100 150 = 800 mA OUT Ι = 14 V S V 250 500 750 1000 = 400 mA OUT Ι = 200 mA OUT Ι T j Saturation Voltage of Source V SAT U over Temperature Total Drop at outputs V SAT over Temperature AED02308 -50 0 mV SAT U V Ι OUT = 800 mA ˚C 0 50 100 150 250 500 750 1000 1250 1500 = 400 mA OUT Ι = 200 mA OUT Ι = 14 V S V T j AED02310 -50 0 mV SAT V ˚C 0 50 100 150 = 14 V S V 500 1000 1500 2000 = 800 mA OUT Ι = 400 mA OUT Ι = 200 mA OUT Ι T j |