전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4263-2ES 데이터시트(PDF) 14 Page - Infineon Technologies AG

부품명 TLE4263-2ES
상세설명  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES 데이터시트(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4263-2ES Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 16Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 17Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TLE4263-2ES
Electrical Characteristics
Data Sheet
14
Rev. 1.0, 2008-04-21
5.8
Typical Performance Characteristics Reset
Undervoltage Reset Adjust Threshold
V
RT
versus Junction Temperature
T
j
Undervoltage Reset Adjust
Threshold
V
RADJ,th versus Output Voltage VQ
Timing Threshold Voltage
V
DU and VDRL
versus Temperature
AED01088
-40
040
80
120 ˚C 160
0
j
T
RADJ
V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
0.8
0.4
0.6
0.2
1
0
2
0
1.6
1.2
1.4
1.0
RADJ
V
V
V
4
3
5
V Q
AED01098_4263
Ι
V = 13.5 V
AED03062
-40
0
I
V = 13.5 V
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
V
040
80
120
160
˚C
V
T
j
V
DRL
DU
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com