전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATmega16 데이터시트(PDF) 245 Page - ATMEL Corporation

부품명 ATmega16
상세설명  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 데이터시트(HTML) 245 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 241Page - ATMEL Corporation ATmega16 Datasheet HTML 242Page - ATMEL Corporation ATmega16 Datasheet HTML 243Page - ATMEL Corporation ATmega16 Datasheet HTML 244Page - ATMEL Corporation ATmega16 Datasheet HTML 245Page - ATMEL Corporation ATmega16 Datasheet HTML 246Page - ATMEL Corporation ATmega16 Datasheet HTML 247Page - ATMEL Corporation ATmega16 Datasheet HTML 248Page - ATMEL Corporation ATmega16 Datasheet HTML 249Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 357 page
background image
245
2466S–AVR–05/09
ATmega16(L)
Notes:
1. PRIVATE_SIGNAL1 should always be scanned in as zero.
2. PRIVATE:SIGNAL2 should always be scanned in as zero.
Boundary-scan
Description
Language Files
Boundary-scan Description Language (BSDL) files describe Boundary-scan capable devices in
a standard format used by automated test-generation software. The order and function of bits in
the Boundary-scan Data Register are included in this description. A BSDL file for ATmega16 is
available.
4
PA1.Control
3
PA1.Pullup_Enable
2PA0.Data
1
PA0.Control
0
PA0.Pullup_Enable
Table 94. ATmega16 Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More