| 전자부품 데이터시트 검색엔진 |
|
AT91SAM9263-CU 데이터시트(PDF) 78 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9263-CU 데이터시트(HTML) 78 Page - ATMEL Corporation |
|
78 / 1110 page ![]() 78 6249H–ATARM–27-Jul-09 AT91SAM9263 Preliminary 530 PE24 IN/OUT INPUT 529 OUTPUT 528 CONTROL 527 PE26 IN/OUT INPUT 526 OUTPUT 525 CONTROL 524 PE25 IN/OUT INPUT 523 OUTPUT 522 CONTROL 521 PE27 IN/OUT INPUT 520 OUTPUT 519 CONTROL 518 internal 517 EBI1_SDK OUT OUTPUT 516 internal 515 PE28 IN/OUT INPUT 514 OUTPUT 513 CONTROL 512 PE29 IN/OUT INPUT 511 OUTPUT 510 CONTROL 509 PE30 IN/OUT INPUT 508 OUTPUT 507 CONTROL 506 PE31 IN/OUT INPUT 505 OUTPUT 504 CONTROL 503 RTCK OUT OUTPUT 502 CONTROL 501 PA0 IN/OUT INPUT 500 OUTPUT 499 CONTROL 498 PA1 IN/OUT INPUT 497 OUTPUT 496 CONTROL Table 12-3. AT91SAM9263 JTAG Boundary Scan Register (Continued) Bit Number Pin Name Pin Type Associated BSR Cells |