| 전자부품 데이터시트 검색엔진 |
|
AT91SAM9G20 데이터시트(PDF) 29 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9G20 데이터시트(HTML) 29 Page - ATMEL Corporation |
|
29 / 832 page ![]() 29 6384D–ATARM–04-May-09 AT91SAM9G20 Preliminary 10. Peripherals 10.1 User Interface The peripherals are mapped in the upper 256 Mbytes of the address space between the addresses 0xFFFA 0000 and 0xFFFC FFFF. Each User Peripheral is allocated 16 Kbytes of address space. A complete memory map is presented in Figure 8-1 on page 19. 10.2 Identifiers Table 10-1 defines the Peripheral Identifiers of the AT91SAM9G20. A peripheral identifier is required for the control of the peripheral interrupt with the Advanced Interrupt Controller and for the control of the peripheral clock with the Power Management Controller. Table 10-1. AT91SAM9G20 Peripheral Identifiers (Continued) Peripheral ID Peripheral Mnemonic Peripheral Name External Interrupt 0 AIC Advanced Interrupt Controller FIQ 1 SYSC System Controller Interrupt 2 PIOA Parallel I/O Controller A 3 PIOB Parallel I/O Controller B 4 PIOC Parallel I/O Controller C 5 ADC Analog to Digital Converter 6 US0 USART 0 7 US1 USART 1 8 US2 USART 2 9 MCI Multimedia Card Interface 10 UDP USB Device Port 11 TWI Two-wire Interface 12 SPI0 Serial Peripheral Interface 0 13 SPI1 Serial Peripheral Interface 1 14 SSC Synchronous Serial Controller 15 - Reserved 16 - Reserved 17 TC0 Timer/Counter 0 18 TC1 Timer/Counter 1 19 TC2 Timer/Counter 2 20 UHP USB Host Port 21 EMAC Ethernet MAC 22 ISI Image Sensor Interface 23 US3 USART 3 24 US4 USART 4 25 US5 USART 5 26 TC3 Timer/Counter 3 27 TC4 Timer/Counter 4 28 TC5 Timer/Counter 5 |