| 전자부품 데이터시트 검색엔진 |
|
R8C3GA 데이터시트(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C3GA 데이터시트(HTML) 9 Page - Renesas Technology Corp |
|
9 / 56 page ![]() R8C/3GA Group 1. Overview REJ03B0235-0110 Rev.1.10 Sep. 10, 2009 Page 9 of 53 I: Input O: Output I/O: Input and output Table 1.6 Pin Functions (2) Item Pin Name I/O Type Description Reference voltage input VREF I Reference voltage input pin to A/D converter and D/A converter A/D converter AN0, AN1, AN5, AN6, AN8 to AN11 I Analog input pins to A/D converter ADTRG I AD external trigger input pin D/A converter DA0, DA1 O D/A converter output pins Comparator A LVCMP1, LVCMP2 I Comparator A analog voltage input pins LVREF I Comparator A reference voltage input pin LVCOUT1, LVCOUT2 O Comparator A output pins Comparator B IVCMP1, IVCMP3 I Comparator B analog voltage input pins IVREF1, IVREF3 I Comparator B reference voltage input pins Voltage detection circuit LVCMP2 I Detection voltage input pin for voltage detection 2 I/O port P0_1, P0_2, P0_6, P0_7, P1_0 to P1_7, P3_3 to P3_5, P3_7, P4_5 to P4_7 I/O CMOS I/O ports. Each port has an I/O select direction register, allowing each pin in the port to be directed for input or output individually. Any port set to input can be set to use a pull-up resistor or not by a program. All ports can be used as LED drive ports. Input port P4_2 I Input-only port |