전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATtiny87-15MZ 데이터시트(PDF) 110 Page - ATMEL Corporation

부품명 ATtiny87-15MZ
상세설명  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ 데이터시트(HTML) 110 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 106Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 107Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 108Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 109Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 110Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 111Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 112Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 113Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 282 page
background image
110
7728D–AVR–07/09
ATtiny87/ATtiny167
12. 16-bit Timer/Counter1
The 16-bit Timer/Counter unit allows accurate program execution timing (event management),
wave generation, and signal timing measurement. The main features are:
12.1
Features
• True 16-bit Design (i.e., Allows 16-bit PWM)
• Two independent Output Compare Units
• Four Controlled Output Pins per Output Compare Unit
• Double Buffered Output Compare Registers
• One Input Capture Unit
• Input Capture Noise Canceler
• Clear Timer on Compare Match (Auto Reload)
• Glitch-free, Phase Correct Pulse Width Modulator (PWM)
• Variable PWM Period
• Frequency Generator
• External Event Counter
• Four independent interrupt Sources (TOV1, OCF1A, OCF1B, and ICF1)
12.2
Overview
Many register and bit references in this section are written in general form.
• A lower case “n” replaces the Timer/Counter number, in this case 1. However, when using
the register or bit defines in a program, the precise form must be used, i.e., TCNT1 for
accessing Timer/Counter1 counter value and so on.
• A lower case “x” replaces the Output Compare unit channel, in this case A or B. However,
when using the register or bit defines in a program, the precise form must be used, i.e.,
OCR1A for accessing Timer/Counter1 output compare channel A value and so on.
• A lower case “i” replaces the index of the Output Compare output pin, in this case U, V, W
or X. However, when using the register or bit defines in a program, the precise form must
be used.
A simplified block diagram of the 16-bit Timer/Counter is shown in Figure 12-1. For the actual
placement of I/O pins, refer to “Pin Configuration” on page 5. CPU accessible I/O Registers,
including I/O bits and I/O pins, are shown in bold. The device-specific I/O Register and bit
locations are listed in the “16-bit Timer/Counter Register Description” on page 132.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More