| 전자부품 데이터시트 검색엔진 |
|
ATmega644PA 데이터시트(PDF) 62 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega644PA 데이터시트(HTML) 62 Page - ATMEL Corporation |
|
62 / 468 page ![]() 62 8152G–AVR–11/09 ATmega164PA/324PA/644PA/1284P 11. Interrupts 11.1 Overview Th is sect ion d e scr i bes t h e sp ecifics of th e int e r r u p t han dling as per f o rm ed in ATmega164PA/324PA/644PA/1284P. For a general explanation of the AVR interrupt handling, refer to ”Reset and Interrupt Handling” on page 16. 11.2 Interrupt Vectors in ATmega164PA/324PA/644PA/1284P Table 11-1. Reset and Interrupt Vectors Vector No. Program Address(2) Source Interrupt Definition 1 $0000(1) RESET External Pin, Power-on Reset, Brown-out Reset, Watchdog Reset, and JTAG AVR Reset 2 $0002 INT0 External Interrupt Request 0 3 $0004 INT1 External Interrupt Request 1 4 $0006 INT2 External Interrupt Request 2 5 $0008 PCINT0 Pin Change Interrupt Request 0 6 $000A PCINT1 Pin Change Interrupt Request 1 7 $000C PCINT2 Pin Change Interrupt Request 2 8 $000E PCINT3 Pin Change Interrupt Request 3 9 $0010 WDT Watchdog Time-out Interrupt 10 $0012 TIMER2_COMPA Timer/Counter2 Compare Match A 11 $0014 TIMER2_COMPB Timer/Counter2 Compare Match B 12 $0016 TIMER2_OVF Timer/Counter2 Overflow 13 $0018 TIMER1_CAPT Timer/Counter1 Capture Event 14 $001A TIMER1_COMPA Timer/Counter1 Compare Match A 15 $001C TIMER1_COMPB Timer/Counter1 Compare Match B 16 $001E TIMER1_OVF Timer/Counter1 Overflow 17 $0020 TIMER0_COMPA Timer/Counter0 Compare Match A 18 $0022 TIMER0_COMPB Timer/Counter0 Compare match B 19 $0024 TIMER0_OVF Timer/Counter0 Overflow 20 $0026 SPI_STC SPI Serial Transfer Complete 21 $0028 USART0_RX USART0 Rx Complete 22 $002A USART0_UDRE USART0 Data Register Empty 23 $002C USART0_TX USART0 Tx Complete 24 $002E ANALOG_COMP Analog Comparator 25 $0030 ADC ADC Conversion Complete 26 $0032 EE_READY EEPROM Ready 27 $0034 TWI 2-wire Serial Interface |