전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F8152 데이터시트(PDF) 2 Page - Integrated Technology Future

부품명 F8152
상세설명  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITF [Integrated Technology Future]
홈페이지  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F8152 데이터시트(HTML) 2 Page - Integrated Technology Future

  F8152 Datasheet HTML 1Page - Integrated Technology Future F8152 Datasheet HTML 2Page - Integrated Technology Future F8152 Datasheet HTML 3Page - Integrated Technology Future F8152 Datasheet HTML 4Page - Integrated Technology Future F8152 Datasheet HTML 5Page - Integrated Technology Future F8152 Datasheet HTML 6Page - Integrated Technology Future F8152 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F8152
Part No.
F8152
Specifications
Fc = 815.5MHz
Terminating source impedance
: 50
Ω
Terminating load impedance
: 50
Ω
Minimum
Typical
Maximum
Center Frequency ( Fc )
MHz
-
815.5
-
Insertion Loss (Fc +/- 9.5 MHz)
dB
-
3.5
4.0
Amplitude Ripple (Fc +/- 9.5 MHz)
dB
-
1.0
2.0
Absolute Group Delay at Fc
nsec
-
35
-
Group Delay Variation (Fc +/- 9.5 MHz)
nsec
-
15
-
VSWR (Fc +/- 9.5 MHz)
-
1.5
2.0
Relative Attenuation
…
~ Fc - 35 MHz
Fc + 70 MHz ~
…
dB
45
45
50
50
-
Temperature Coefficient of Frequency
ppm/°C
-
-80
-
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Rev. Date
2004-09-30
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
DR3002-PS02
2/7



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com