전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F9422 데이터시트(PDF) 2 Page - Integrated Technology Future

부품명 F9422
상세설명  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITF [Integrated Technology Future]
홈페이지  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9422 데이터시트(HTML) 2 Page - Integrated Technology Future

  F9422 Datasheet HTML 1Page - Integrated Technology Future F9422 Datasheet HTML 2Page - Integrated Technology Future F9422 Datasheet HTML 3Page - Integrated Technology Future F9422 Datasheet HTML 4Page - Integrated Technology Future F9422 Datasheet HTML 5Page - Integrated Technology Future F9422 Datasheet HTML 6Page - Integrated Technology Future F9422 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter
F9422
Part No.
F9422
Rev. Date
2008-09-23
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NC8008-AS01
2/7
Specifications
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
942.5
-
MHz
Insertion Loss (In Fc +/- 17.5 MHz)
-
2.6
3.5
dB
Amplitude Ripple (In Fc +/- 17.5 MHz)
-
1.3
2.0
dBp-p
VSWR (In Fc +/- 17.5 MHz)
-
2.3
2.8
Relative Attenuation
DC ~ 100.0 MHz
100.0 MHz ~ 800.0 MHz
800.0 MHz ~ 890.0 MHz
890.0 MHz ~ 905.0 MHz
905.0 MHz ~ 915.0 MHz
980.0 MHz ~ 1000.0 MHz
1000.0 MHz ~ 1550.0 MHz
1550.0 MHz ~ 1950.0 MHz
1950.0 MHz ~ 2800.0 MHz
1950.0 MHz ~ 3000.0 MHz
30.0
23.0
28.0
35.0
7.0
20.0
30.0
25.0
20.0
15.0
33.0
28.0
31.0
41.0
22.0
33.0
33.0
33.0
25.0
23.0
-
-
-
-
-
-
-
-
-
-
dB
Temperature Range (Operational)
-30
25
85
℃
Input RF Power (In Fc +/- 17.5 MHz)
10
dBm
Input/Output Impedance
50
Ohms



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com