전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDSF355-B01 데이터시트(PDF) 1 Page - Comchip Technology

부품명 CDSF355-B01
상세설명  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSF355-B01 데이터시트(HTML) 1 Page - Comchip Technology

  CDSF355-B01 Datasheet HTML 1Page - Comchip Technology CDSF355-B01 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed
Features
Designed for mounting on small surface.
Extremely thin/leadless package.
Low leakage current.
High mounting capability, strong surge
withstand, high reliability.
Mechanical data
Case: 1005 (2512) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any.
Weight: 0.006 gram (approximately)
SMD Switching Diode
SMD Switching Diode
Parameter
Repetitive peak reverse voltage
Reverse voltage
Average forward current
Forward current , surge peak
Repetitive peak forward current
Power Dissipation
Storage temperature
Junction temperature
Conditions
Symbol
VRRM
VR
IO
IFSM
IFRM
PD
TSTG
T j
Min
-40
-40
Max
90
80
100
225
300
+125
+125
Typ
1000
Unit
V
V
mA
mA
mA
mW
Maximum Rating ( at T A = 25 C unless otherwise noted )
C
C
Preliminary
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
Unit
V
uA
pF
nS
Parameter
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
Conditions
I F = 100 mA DC
VR = 80 V
f = 1MHz, and 0.5VDC reverse voltage
VR = 6V, IF = 10 mA, RL =50 ohms
Symbol
VF
IR
CT
Trr
Min Typ
3
4
Max
1.0
0.1
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
SMD Diodes Specialist
COMCHIP
Page 1
REV:A
QW-A8003
CDSF355-B01 (Lead-free Device)
0.102(2.60)
0.095(2.40)
0.020(0.50) Typ.
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
1005(2512)
0.012 (0.30) Typ.
0.020(0.50) Typ.


유사한 부품 번호 - CDSF355-B01

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDSF355 COMCHIP-CDSF355 Datasheet
70Kb / 2P
SMD Switching Diode
CDSF355B COMCHIP-CDSF355B Datasheet
77Kb / 2P
SMD Switching Diode
CDSF355B-HF COMCHIP-CDSF355B-HF Datasheet
197Kb / 4P
SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
SMD Switching Diode
More results

유사한 설명 - CDSF355-B01

제조업체부품명데이터시트상세설명
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com