전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

210751B 데이터시트(PDF) 5 Page - Integrated Technology Future

부품명 210751B
상세설명  Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITF [Integrated Technology Future]
홈페이지  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

210751B 데이터시트(HTML) 5 Page - Integrated Technology Future

  210751B Datasheet HTML 1Page - Integrated Technology Future 210751B Datasheet HTML 2Page - Integrated Technology Future 210751B Datasheet HTML 3Page - Integrated Technology Future 210751B Datasheet HTML 4Page - Integrated Technology Future 210751B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bandpass Filter 210751B
Part No.
210751B
CH2
CH1 S21
LOG
10 dB/
REF -9 dB
START
. 010 000 MHz
STOP 300. 000 000 MHz
10 Jan 2007 17:58:48
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-21 . 341 dB
60. 0000 MHz
3:-29 . 380 dB
120. 000 MHz
Rev. Date
2007-01-11
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ6027-CS01
5/5
S21
LOG
1 dB/
REF -9 dB
CENTER 60. 000 000 MHz
SPAN 10. 000 000 MHz
Cor
CH4
1
LOG
1 dB/
REF -9 dB
Cor
S2
10 Jan 2007 17:57:06
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
7. 186594 MHz
cent :
59. 873050 MHz
Q: 8. 3312
1_loss : -9 . 3960 dB
4
2
3
3:- . 36990 dB
6. 400 000 MHz
REF=2
CH4 Markers
mean:-9 . 4482 dB
s. dev : . 07950 dB
p-p : . 43940 dB
CH1 S11
SWR
1 /
REF 0
CENTER 60. 000 000 MHz
SPAN 25. 000 000 MHz
Cor
CH3
2
SWR
1 /
REF 0
Cor
S2
10 Jan 2007 17:57:51
CH1
1
1: 2. 2356
60. 000 000 MHz
2
2: 1. 9549
60. 000 000 MHz
S11
1 U FS
CENTER 60. 000 000 MHz
SPAN 25. 000 000 MHz
Cor
CH3 S22
1 U FS
Cor
10 Jan 2007 17:57:33
1
1: 65. 734
44. 664
118. 48 nH
60. 000 000 MHz
2
2: 95. 129
13. 684
36. 297 nH
60. 000 000 MHz



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com