전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STI7167 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STI7167
상세설명  Advanced STB decoder with integrated DVB-T/DVB-C demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7167 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STI7167 Datasheet HTML 2Page - STMicroelectronics STI7167 Datasheet HTML 3Page - STMicroelectronics STI7167 Datasheet HTML 4Page - STMicroelectronics STI7167 Datasheet HTML 5Page - STMicroelectronics STI7167 Datasheet HTML 6Page - STMicroelectronics STI7167 Datasheet HTML 7Page - STMicroelectronics STI7167 Datasheet HTML 8Page - STMicroelectronics STI7167 Datasheet HTML 9Page - STMicroelectronics STI7167 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STi7167
Target applications
Doc ID 15836 Rev 2
7/10
2.2
Hybrid IP/terrestrial STB
Figure 2.
Typical hybrid IP/terrestrial STB
MII
STi7167
2 ×
FLASH
RF I/Q IF
EMI
DDR2
LMI
RJ45
STV641x
S/PDIF
RGB
YC, CVBS
Analog
audio L/R
E2PROM
I2C
AUX/Loop-thru
30 MHz
HDMI
TMDS/I2C
SMARTCARD
IR
Tx/Rx
RESET
JTAG
DCU
USB 2.0
Front panel
display and controls
KEYSCAN / PIOs
SPI or UART
HDD
e-SATA (optional)
RJ45
Ethernet
MII
PHY
Terrestrial
tuner
STV4100
ST8024
PCI



Html Pages

1 2 3 4 5 6 7 8 9 10