전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD040QT2 데이터시트(PDF) 7 Page - AZ Displays

부품명 PD040QT2
상세설명  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD040QT2 데이터시트(HTML) 7 Page - AZ Displays

Back Button PD040QT2 Datasheet HTML 3Page - AZ Displays PD040QT2 Datasheet HTML 4Page - AZ Displays PD040QT2 Datasheet HTML 5Page - AZ Displays PD040QT2 Datasheet HTML 6Page - AZ Displays PD040QT2 Datasheet HTML 7Page - AZ Displays PD040QT2 Datasheet HTML 8Page - AZ Displays PD040QT2 Datasheet HTML 9Page - AZ Displays PD040QT2 Datasheet HTML 10Page - AZ Displays PD040QT2 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PD040QT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:7
Note 5-2 , 5-3 : The definitions of U/D & R/L
U/D( PIN31)= Low R/L( PIN30)= Low
U/D( PIN31)= High R/L PIN30)= High
(
6. Pixel Arrangement
7. Absolute Maximum Ratings:
GND=0V, Ta=25
Parameters
Symbol
MIN
MAX.
Unit
Remark
Supply Voltage
VCC
0
3.6
V
Input Signals Voltage
VIN
-0.3
4
V
R G B R G B R G B
R G B
R G B R G B
R G B
R G B R G B R G B
R G B
R G B R G B
R G B
3 rd Line
2 nd Line
1 st Line
240 th Line
239 thLine
238 th Line
R G B
R G B
R G B
R G B
1 st Pixel
320th pixel
1 Pixel = R G B
P-511-528(V:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com