전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD064VT5_V1.5 데이터시트(PDF) 18 Page - AZ Displays

부품명 PD064VT5_V1.5
상세설명  TECHNICAL SPECIFICATION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT5_V1.5 데이터시트(HTML) 18 Page - AZ Displays

Back Button PD064VT5_V1.5 Datasheet HTML 14Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 15Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 16Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 17Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 18Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 19Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 20Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 21Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 22Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
PD064VT5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:18
1/6
1/6
2/6
2/6
1/6
1/6
2/6
2/6
YA-YB
Note 9-6 : Cross Talk (CTK) =
YA
100%
YA : Brightness of Pattern A
YB : Brightness of Pattern B
Pattern A
(Gray Level 46)
Pattern B
(Gray Level 46, central
black box exclusive)
: Testing Point (A and B are at the same point.)
YA
YB
1/3
1/3
1/3
1/3
1/3
1/3
Black
(Gray Level 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24