| 전자부품 데이터시트 검색엔진 |
|
ADE5166ASTZF62-RL 데이터시트(PDF) 90 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE5166ASTZF62-RL 데이터시트(HTML) 90 Page - Analog Devices |
|
90 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 90 of 156 RLC A This instruction rotates the accumulator to the left through the carry flag. The old MSB of the accumulator becomes the new carry flag, and the old carry flag is loaded into the new LSB of the accumulator. The carry status flag is referenced by this instruction. Table 77. RLC A Affected Status Flag Flag Description C Equal to the state of ACC[7] before execution of the instruction. CJNE Destination, Source, Relative Jump This instruction compares the source value to the destination value and branches to the location set by the relative jump if they are not equal. If the values are equal, program execution continues with the instruction after the CJNE instruction. No status flags are referenced by this instruction. Table 78. CJNE Destination (Source, Relative Jump) Affected Status Flag Flag Description C Set if the source value is greater than the destination value. Cleared otherwise. |