| 전자부품 데이터시트 검색엔진 |
|
TCFQ05-V5-R501R0M 데이터시트(PDF) 2 Page - American Accurate Components, Inc. |
|
|
|||||||||||||||||||||||||||||
TCFQ05-V5-R501R0M 데이터시트(HTML) 2 Page - American Accurate Components, Inc. |
|
2 / 3 page ![]() American Accurate Components, Inc. THIN FILM CHIP FUSE The content of this specification may change without notification 10/25/07 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 2 1206 - ELECTRICAL CHARACTERISTICS TCF Series TCFQ Series Part Number Marking Rated Current Resistance (mΩ) Typical* Rated Voltage Breaking Capacity Resistance (mΩ) Typical* Rated Voltage Breaking Capacity TCF 18-V6-R500M F 0.50A 590 385 TCF 18-V6-R800M K 0.80A 225 165 TCF 18-V6-1R00M L 1.00A 130 108 TCF 18-V6-1R25M M 1.25A 88 76 TCF 18-V6-1R50M P 1.50A 65 51 TCF 18-V6-2R00M S 2.00A 38 DC 63V DC 63V 50A 32 DC 63V DC 63V 50A TCF 18-V3-2R50M T 2.50A 32 26 TCF 18-V3-3R00M 3 3.00A 23 DC 32V DC 32V 50A 20 DC 32V DC 32V 50A TCF 18-V2-4R00M W 4.00A 15 14 TCF 18-V2-5R00M Y 5.00A 11 10 TCF 18-V2-7R00M Z 7.00A 7 DC 24V DC 24V 50A 6.5 DC 24V DC 24V 50A 0603 - ELECTRICAL CHARACTERISTICS TCF Series TCFQ Series Part Number Resistance (mΩ) Typ* Rated Voltage Breaking Capacity Part Number Resistance (mΩ) Typical* Rated Voltage Breaking Capacity Marking Rated Current TCF16-V5-R500M 250 DC 50V DC 50V 50A TCFQ16-V5-R500M 175 DC 50V DC 50V 50A F 0.50A TCF16-V3-R630M 173 TCFQ16-V3-R630M 130 I 0.63A TCF16-V3-R800M 115 TCFQ16-V3-R800M 93 K 0.80A TCF16-V3-1R00M 88 TCFQ16-V3-1R00M 65 L 1.00A TCF16-V3-1R25M 63 TCFQ16-V3-1R25M 47 M 1.25A TCF16-V3-1R50M 45 TCFQ16-V3-1R50M 36 P 1.50A TCF16-V3-1R60M 42 TCFQ16-V3-1R60M 34 N 1.60A TCF16-V3-2R00M 33 DC 32V DC 32V 50A TCFQ16-V3-2R00M 26 S 2.00A TCF16-V2-2R50M 24 TCFQ16-V3-2R50M 20 T 2.50A TCF16-V2-3R00M 21 TCFQ16-V3-3R00M 16 3 3.00A TCF16-V2-3R15M 19 DC 24V DC 24V 50A TCFQ16-V3-3R15M 15 U 3.15A TCF16-V3-4R00M 15 TCFQ16-V3-4R00M 12 W 4.00A TCF16-V3-5R00M 12 DC 32V DC 32V 50A TCFQ16-V3-5R00M 9 DC 32V DC 32V 50A Y 5.00A 0402 - ELECTRICAL CHARACTERISTICS TCF Series TCFQ Series Part Number Marking Rated Current Resistance (mΩ) Typical* Rated Voltage Breaking Capacity Resistance (mΩ) Typical* Rated Voltage Breaking Capacity TCF 05-V2-R500M F 0.50A 320 235 TCF 05-V2-R800M K 0.80A 120 86 TCF 05-V2-1R00M L 1.00A 90 64 TCF 05-V2-1R25M M 1.25A 67 45 TCF 05-V2-1R50M P 1.50A 51 35 TCF 05-V2-1R60M N 1.60A 46 32 TCF 05-V2-2R00M S 2.00A 33 24 TCF 05-V2-2R50M T 2.50A 25 19 TCF 05-V2-3R00M 3 3.00A 20 15 TCF 05-V2-3R15M U 3.15A 19 14 TCF 05-V2-4R00M W 4.00A 16 DC 24V DC 24V 35A 10.5 DC 24V DC 24V 35A SHARED ELECTRICAL CHARACTERISTICS Characteristic TCF Series TCFQ Series Fusing Time opens within 1min. at 200% rated current opens within 5 sec. at 250% rated current Body Temperature Rising <75 °C at 100% rated current <75 °C at 100% rated current *Typical Resistance Value measured with less than 10% of rated current measured with less than 10% of rated current |