| 전자부품 데이터시트 검색엔진 |
|
73S8014RT-IL/F 데이터시트(PDF) 13 Page - Teridian Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
73S8014RT-IL/F 데이터시트(HTML) 13 Page - Teridian Semiconductor Corporation |
|
13 / 29 page ![]() DS_8014RT_015 73S8014RT Data Sheet Rev. 1.0 13 2.7 Voltage Fault Detection Circuits Table 8 lists the 73S8014RT Voltage Fault Detection Circuits. Table 8: Voltage Fault Detection Circuits Symbol Parameter Condition Min Nom Max Unit VDDF VDD fault (VDD Voltage supervisor threshold) No external resistor on VDDF_ADJ pin 2.15 2.4 V VCCF VCC fault (VCC Voltage supervisor threshold) VCC = 5v 4.6 V VCC= 3v 2.7 V |