전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

73S8024RN 데이터시트(PDF) 18 Page - Teridian Semiconductor Corporation

부품명 73S8024RN
상세설명  Low Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TERIDIAN [Teridian Semiconductor Corporation]
홈페이지  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8024RN 데이터시트(HTML) 18 Page - Teridian Semiconductor Corporation

Back Button 73S8024RN Datasheet HTML 14Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 15Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 16Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 17Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 18Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 19Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 20Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 21Page - Teridian Semiconductor Corporation 73S8024RN Datasheet HTML 22Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
73S8024RN Data Sheet
DS_8024RN_020
18
Rev. 1.8
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Interface Requirements – Data Signals: I/O, AUX1, AUX2, and host interfaces: I/OUC, AUX1UC,
AUX2UC.
ISHORTL, ISHORTH, and VINACT requirements do not pertain to I/OUC, AUX1UC, and AUX2UC.
VOH
Output level, high (I/O, AUX1,
AUX2)
IOH =0
0.9 VCC
VCC+0.1
V
IOH = -40μA
0.75 VCC
VCC+0.1
V
VOH
Output level, high (I/OUC,
AUX1UC, AUX2UC)
IOH =0
0.9 VDD
VDD+0.1
V
IOH = -40μA
0.75 VDD
VDD+0.1
V
VOL
Output level, low
IOL=1mA
0.3
V
VIH
Input level, high (I/O, AUX1,
AUX2)
1.8
VCC+0.30
V
VIH
Input level, high (I/OUC,
AUX1UC, AUX2UC)
1.8
VDD
+0.30
V
VIL
Input level, low
-0.3
0.8
V
VINACT
Output voltage when outside
of session
IOL = 0
0.1
V
IOL = 1mA
0.3
V
ILEAK
Input leakage
VIH = VCC
10
μA
IIL
Input current, low
VIL = 0
0.65
mA
ISHORTL
Short circuit output current
For output low,
shorted to VCC
through 33 ohms
15
mA
ISHORTH
Short circuit output current
For output high,
shorted to ground
through 33 ohms
15
mA
tR, tF
Output rise time, fall times
For I/O, AUX1,
AUX2, CL = 80pF,
10% to 90%.
For I/OUC,
AUX1UC, AUX2UC,
CL=50Pf, 10% to
90%.
100
ns
tIR, tIF
Input rise, fall times
1
μs
RPU
Internal pull-up resistor
Output stable for
>200ns
8
11
14
k
Ω
FDMAX
Maximum data rate
1
MHz
TFDIO
Delay, I/O to I/OUC, AUX1 to
AUX1UC, AUX2 to AUX2UC,
I/OUC to I/O, AUX1UC to
AUX1, AUX2UC to AUX2
(respectively falling edge to
falling edge and rising edge
to rising edge)
Edge from master to
slave, measured at
50%
60
100
200
ns
TRDIO
25
90
ns
CIN
Input capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com