| 전자부품 데이터시트 검색엔진 |
|
PEX8680 데이터시트(PDF) 4 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8680 데이터시트(HTML) 4 Page - PLX Technology |
|
4 / 5 page ![]() PEX 8680, PCI Express Gen 2 Switch, 80 Lanes, 20 Ports © PLX Technology, www.plxtech.com Page 4 of 4 5/14/2009, Version 1.1 Applications Suitable for host-centric as well as peer-to-peer traffic patterns, the PEX 8680 can be configured for a wide variety of form factors and applications. Host Centric Fan-out The PEX 8680, with its symmetric or asymmetric lane configuration capability, allows user-specific tuning to a variety of host-centric applications. Figure 6 shows a server design where, in a quad or multi processor system, users can assign endpoints/slots to CPU cores to distribute the system load. The packets directed to different CPUs will go to different (user assigned) PEX 8680 upstream ports, allowing better queuing and load balancing capability for higher performance. CPU CPU CPU CPU CPU CPU CPU CPU x8 x4s Memory Memory Memory Memory x8s x4 x16 Endpoint Endpoint Endpoint Endpoint Endpoint Endpoint Endpoint Endpoint PCIe Gen1 or PCIe Gen2 slots x8 PEX 8680 PEX 8680 PEX 8680 PEX 8680 Chipset Chipset Chipset Chipset Figure 6. Host Centric Dual Upstream Multi-Host Systems In multi-host mode, the PEX 8680 can support up to six hosts at once. By creating six virtual switches, the PEX 8680 allows six hosts to fan-out to their respective endpoints. This reduces the number of switches required for fan-out, saving precious board space and power. In Figure 7, the PEX 8680 is being shared by six different CPU cores (hosts) on three servers, with each CPU core running its own applications (I/Os). The PEX 8680 assigns the endpoints to the appropriate host and isolates them from the other hosts. In Figure 7, the endpoints are assigned to the CPU core of the same color. I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Chip Set Chip Set Chip Set Chip Set Chip Set Chip Set PEX 8680 PEX 8680 CPU CPU CPU CPU CPU CPU Figure 7. Multi-Host System Embedded or Communications Systems The PEX 8680’s 80 lanes can come in handy for embedded or communications applications requiring heavy processing and/or connectivity to multiple endpoints. Figure 8a shows an embedded system where the PEX 8680 is being used to fan-out to eight endpoints using x8 and x16 links. Figure 8b shows a communications system where the PEX 8680 is using x16 and x8 links to fan out to I/Os and three CPUs which have been configured as endpoints. These CPUs will run as endpoints, conducting different processing tasks while the host CPU (connected to the PEX 8680 via a x16 upstream link) manages them. x16s x8s I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Chip Set Chip Set CPU CPU CPU CPU x16 Figure 8b. Comms System Chip Set Chip Set CPU CPU CPU CPU x16 x16s & x8s PEX 8680 PEX 8680 PEX 8680 PEX 8680 Figure 8a. Embedded System I/O I/O I/O I/O CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint I/O I/O I/O I/O PEX 8680 PEX 8680 PEX 8680 PEX 8680 N+1 Fail-Over in Storage Systems The PEX 8680’s Multi-Host feature can also be used to develop storage array clusters where each host manages a set of storage devices independent of others (Figure 9). Users can designate one of the hosts as the failover-host for all the other hosts while actively managing its own endpoints. The failover-host will communicate with other hosts for status/heartbeat information and execute a failover event if/when it gets triggered. x4 x4 x8 x8 x4 x8 x8 x4 CPU CPU PEX 8680 PEX 8680 PEX 8680 PEX 8680 8 Disk Chassis FC FC x4 x4 FC FC PEX 8612 PEX 8612 8 Disk Chassis FC FC x4 x4 FC FC PEX 8612 PEX 8612 PEX 8612 PEX 8612 CPU CPU CPU CPU CPU CPU 8 Disk Chassis FC FC x4 x4 FC FC PEX 8612 PEX 8612 8 Disk Chassis FC FC x4 x4 FC FC PEX 8612 PEX 8612 PEX 8612 PEX 8612 8 Disk Chassis FC FC x4 x4 FC FC PEX 8616 PEX 8616 8 Disk Chassis FC FC x4 x4 FC FC PEX 8616 PEX 8616 PEX 8616 PEX 8616 8 Disk Chassis FC FC x4 x4 FC FC PEX 8616 PEX 8616 8 Disk Chassis FC FC x4 x4 FC FC PEX 8616 PEX 8616 PEX 8616 PEX 8616 Figure 9. N+1 Failover |