| 전자부품 데이터시트 검색엔진 |
|
MPC5604PEFMLQ 데이터시트(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604PEFMLQ 데이터시트(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 84 page ![]() MPC5604P Microcontroller Data Sheet, Rev. 5 Preliminary—Subject to Change Without Notice Freescale Semiconductor 41 3.8.3 DC Electrical characteristics (3.3 V) Table 19 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx < 3.6 V, NVUSRO[PAD3V5V]=1) as described in Figure 14. Table 18. Supply current (5.0 V, NVUSRO[PAD3V5V]=0) Symbol Parameter Conditions Value1 1 All values to be confirmed after characterization/data collection. Unit Typ Max I DD_LV_CORE T Supply current RUN - Maximum Mode2 2 Maximum mode: FlexPWM, ADCs, CTU, DSPI, LINFlex, FlexCAN, 15 output pins, 1st and 2nd PLL enabled, 125 °C ambient. I/O supply current excluded. V DD_LV_CORE externally forced at 1.3 V 40 MHz 62 77 mA 64 MHz 71 88 RUN - Typical Mode3 3 Typical mode configurations: DSPI, LINFlex, FlexCAN, 15 output pins, 1st PLL only, 105 °C ambient. I/O supply current excluded. 40 MHz 45 56 64 MHz 52 65 P RUN - Maximum Mode4 4 Code fetched from Ram, PLL0: 64 MHz system clock (x4 multiplier with 16MHz XTAL), PLL1 is ON @ PHI_div2 = 120 Mhz and PHI_div3 = 80 Mhz, auxiliary clock sources set that all peripherals receive maximum frequency, all peripheral enabled. V DD_LV_CORE externally forced at 1.3 V 64 MHz 60 TBD HALT Mode5 5 Halt mode configurations: Code fetched from RAM, C & D FLASH in low power mode, OSC/PLL0/PLL1 are OFF, Core clock frozen, all peripherals are disabled. V DD_LV_CORE externally forced at 1.3 V —1.5 10 STOP Mode6 6 STOP "P" mode DUT configuration: Code fetched from RAM, C & D FLASH off, OSC/PLL0/PLL1 are OFF, Core clock frozen, all peripherals are disabled. VDD_LV_CORE externally forced at 1.3 V —1 10 IDD_FLASH T FLASH supply current during read VDD_HV_FL at 5.0 V — 10 12 FLASH supply current during erase operation on 1 flash module VDD_HV_FL at 5.0 V — 15 19 IDD_ADC T ADC supply current - Maximum Mode2 VDD_HV_AD0 at 5.0 V VDD_HV_AD1 at 5.0 V ADC Freq = 16MHz ADC17 7 Includes Temperature Sensor current consumption. 3.5 5 ADC0 3 4 ADC supply current - Typical Mode3 ADC17 0.8 1 ADC0 0.005 0.006 I DD_OSC T OSC supply current VDD_OSC at 5.0 V 8 MHz 2.6 3.2 |