| 전자부품 데이터시트 검색엔진 |
|
HT56R64 데이터시트(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT56R64 데이터시트(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 90 page ![]() Pin Name I/O Configuration Option Description SEG31~SEG24 O ¾ LCD driver outputs for LCD panel segments. SEG23~SEG16 O ¾ A bit in the LCD Control Register determines if the pins are to be used as segment drivers or as CMOS outputs. SEG8~SEG9 SEG10/SDO SEG11/SDI/SDA SEG12/SCK/SCL SEG13/SCS SEG14/PCLK SEG15/PINT O O I/O I/O I/O O I/O I 2C SPI PCLK PINT SEG8 and SEG9 are LCD driver outputs. SEG10 is pin-shared with the Serial Interface Output line, SDO. SEG11 is pin-shared with the SPI Bus data line, SDI and the I 2C Bus data line SDA. SEG12, is pin-shared with the SPI Bus clock line, SCK, and the I 2C Bus clock line SCL. SEG13 is pin-shared with the Serial Interface Select line, SCS. SEG14 is pin-shared with the Peripheral Clock line, PCLK. SEG15 is pin-shared with the Peripheral Interrupt line, PINT. All of the SEG8~SEG15 lines can be chosen to be either segment drivers or as logical outputs using LCD control bits. SEG0~SEG7 O ¾ LCD driver outputs for LCD panel segments. SEG0~SEG7 can be chosen to be either segment drivers or as logical outputs using LCD control bits. OSC1 OSC2 I O Crystal or RC or EC OSC1, OSC2 are connected to an external RC network or external crys- tal, determined by configuration option, for the internal system clock. If the RC system clock option is selected, pin OSC2 can be used to measure the system clock at 1/4 frequency. EC is external clock mode, we can input clock source directly to OSC1 pin. OSC3 OSC4 I O RTC OSC3 and OSC4 are connected to a 32768Hz crystal oscillator to form a real time clock for fSUB or fSL. RES I ¾ Schmitt Trigger reset input. Active low. VLCD1 ¾¾ LCD power supply VREF I ¾ Reference voltage input pin. VMAX I ¾ IC maximum voltage, connect to VDD,VLCD or V1 V1, VLCD2, C1, C2 I ¾ LCD voltage pump VDD ¾¾ Positive power supply AVDD ¾¾ Analog positive power supply. VSS ¾¾ Negative power supply, ground AVSS ¾¾ Analog negative power supply, ground Note: The Pin Description table represents the largest package available, therefore some of the pins and functions may not be available on smaller package types. Absolute Maximum Ratings Supply Voltage ...........................VSS -0.3V to VSS+6.0V Storage Temperature ............................ -50°Cto125°C Input Voltage..............................VSS -0.3V to VDD+0.3V Operating Temperature........................... -40°Cto85°C IOL Total ..............................................................150mA IOH Total............................................................ -100mA Total Power Dissipation .....................................500mW Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maximum Ratings² may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability. HT56R64 Rev. 1.40 4 September 8, 2009 |