| 전자부품 데이터시트 검색엔진 |
|
HT9302x 데이터시트(PDF) 29 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9302x 데이터시트(HTML) 29 Page - Holtek Semiconductor Inc |
|
29 / 33 page ![]() 24-pin SKDIP (300mil) Outline Dimensions · MS-001d (see fig1) Symbol Dimensions in mil Min. Nom. Max. A 1230 ¾ 1280 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 · MS-001d (see fig2) Symbol Dimensions in mil Min. Nom. Max. A 1160 ¾ 1195 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 HT9302 Series Rev. 1.30 29 May 13, 2009 2 4 1 1 3 1 2 A B C D E F G H I Fig1. Full Lead Packages 2 4 1 1 3 1 2 A B C D E F G H I Fig2. 1/2 Lead Packages |