전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT6350IDDPBF 데이터시트(PDF) 21 Page - Linear Technology

부품명 LT6350IDDPBF
상세설명  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT6350IDDPBF 데이터시트(HTML) 21 Page - Linear Technology

Back Button LT6350IDDPBF Datasheet HTML 17Page - Linear Technology LT6350IDDPBF Datasheet HTML 18Page - Linear Technology LT6350IDDPBF Datasheet HTML 19Page - Linear Technology LT6350IDDPBF Datasheet HTML 20Page - Linear Technology LT6350IDDPBF Datasheet HTML 21Page - Linear Technology LT6350IDDPBF Datasheet HTML 22Page - Linear Technology LT6350IDDPBF Datasheet HTML 23Page - Linear Technology LT6350IDDPBF Datasheet HTML 24Page - Linear Technology LT6350IDDPBF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT6350
21
6350f
APPLICATIONS INFORMATION
BOARD LAYOUT AND BYPASS CAPACITORS/DC1538A
DEMOBOARD
For single-supply applications it is recommended that
a high quality X5R or X7R, 0.1μF bypass capacitor be
placed directly between the V+ and the V– pin; the V– pin
(including the Exposed Pad on the DD8 package) should be
tied directly to a low impedance ground plane with minimal
routing. For split power supplies, it is recommended that
additional high quality X5R or X7R, 0.1μF capacitors
be used to bypass pin V+ to ground and V– to ground,
again with minimal routing. Small geometry (e.g., 0603)
surface mount ceramic capacitors have a much higher
self-resonant frequency than do leaded capacitors, and
perform best with the LT6350.
The +IN2 pin should be bypassed to ground with a high
quality ceramic capacitor of at least 0.1μF, both to reduce
the noise bandwidth of the recommended DC offset balance
resistor and to prevent changes in the common mode
reference voltage from being converted into a differential
output signal.
Stray parasitic capacitance at the –IN1 pin should be kept
to a minimum to prevent degraded stability resulting in
excessive ringing or oscillations. Traces at –IN1 should be
kept as short as possible, and any ground plane should
be stripped from under the pin and pin traces.
Because the outputs operate differentially, load imped-
ances seen by both outputs (stray or intended) should
be as balanced and symmetric as possible. This will help
preserve the balanced operation that minimizes the gen-
eration of even-order harmonic distortion in the output
stage and maximizes the rejection of common mode
signals and noise.
The DC1538A demoboard has been designed for the
evaluation of the LT6350 following the above layout prac-
tices. Its schematic and component placement are shown
in Figures 9 and 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com