전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM48AM3284LBA-75FS 데이터시트(PDF) 1 Page - Eorex Corporation

부품명 EM48AM3284LBA-75FS
상세설명  512Mb (4M횞4Bank횞32) Synchronous DRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EOREX [Eorex Corporation]
홈페이지  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM3284LBA-75FS 데이터시트(HTML) 1 Page - Eorex Corporation

  EM48AM3284LBA-75FS Datasheet HTML 1Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 2Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 3Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 4Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 5Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 6Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 7Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 8Page - Eorex Corporation EM48AM3284LBA-75FS Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
1/22
Revision History
Revision 0.1 (Jul. 2006)
-
First release.
Revision 0.2 (Aug. 2007)..
- Add IDD6 “PASR” Spec.(page 7)
Revision 0.3 (Dec. 2007)..
-
TRCD: improved from 30ns to 22.5ns
-
TRC: improved from 90ns to 75ns
-
Tck(CL2) : improved from 15ns to 12ns
-
IDD5: modified as 110mA
Revision 0.4 (Apr. 2008)..
-
Modify type error A12 from A11. (page 4)
-
Modify ball size spec from 0.5mm to 0.45mm
Revision 0.5 (Apr. 2008)..
-
Add -6 Speed product
Revision 0.6 (Dec. 2008)..
-
add
package size spec
“10x13 mm”
Revision 0.7 (Jan. 2009)..
-
Modify
ordering information
-
implement the end of sales process of 11x13mm package product:
March 31, 2009: Stop accepting orders for A version 11x13mm package product:
April
30, 2009: Discontinue manufacturing A version 11x13mm package product.
10x13mm package product(EM48AM3284LBA –*FS) will supply continuously and stably
Revision 0.8 (Apr. 2009)..
-
Stop11x13mm package product
only keep 10x13mm package product


유사한 부품 번호 - EM48AM3284LBA-75FS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EM48AM3284LBA-75F ETC2-EM48AM3284LBA-75F Datasheet
220Kb / 17P
512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBA-75F EOREX-EM48AM3284LBA-75F Datasheet
736Kb / 20P
512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA-75FE ETC2-EM48AM3284LBA-75FE Datasheet
220Kb / 17P
512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBA-75FE EOREX-EM48AM3284LBA-75FE Datasheet
736Kb / 20P
512Mb (4M횞4Bank횞32) Synchronous DRAM
More results

유사한 설명 - EM48AM3284LBA-75FS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EM48AM3284LBA ETC2-EM48AM3284LBA Datasheet
220Kb / 17P
512Mb (4M횞4Bank횞32) Synchronous DRAM
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA Datasheet
672Kb / 19P
512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48AM3284LBA EOREX-EM48AM3284LBA Datasheet
736Kb / 20P
512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160C ISSI-IS42S32160C Datasheet
1Mb / 60P
16Mx32 512Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA_09 Datasheet
711Kb / 21P
512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48AM3284LBB EOREX-EM48AM3284LBB Datasheet
272Kb / 22P
512Mb (4M횞4Bank횞32) Mobile Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
512Mb Mobile Synchronous DRAM
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
512Mb Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com