전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSBI2040 데이터시트(PDF) 3 Page - LIGITEK electronics co., ltd.

부품명 LSBI2040
상세설명  ROUND TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBI2040 데이터시트(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSBI2040 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBI2040 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBI2040 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBI2040 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBI2040 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Blue Diffused
COLOR
Lens
InGaN/SiC
MATERIAL
LSBI2040
PART NO
Blue
Emitted
65
Luminous
intensity
@20mA(mcd)
Typ.
65
Spectral
halfwidth
△λ
nm
465
Dominant
wave
length
λDnm
4.7
Max.
Forward
voltage
@
mA(V)
3.8
Typ.
20
38
Min.
Viewing
angle
2θ 1/2
(deg)
44
2/4
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
℃
V
℃
mW
30
70
SBI
Ratings
50
500
Ir
-20 ~ +80
Max 260℃ for 5 sec Max
(2mm from body)
-30 ~ +100
120
PART NO. LSBI2040
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Operating Temperature
Soldering Temperature
Storage Temperature
Electrostatic Discharge
Reverse Current @5V
Power Dissipation
Typical Electrical & Optical Characteristics (Ta=25 ℃)
Symbol
ESD
Tsol
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25 ℃
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
Peak
wave
length
λPnm
430



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com