전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSRVG2092-PF 데이터시트(PDF) 2 Page - LIGITEK electronics co., ltd.

부품명 LSRVG2092-PF
상세설명  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRVG2092-PF 데이터시트(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSRVG2092-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRVG2092-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRVG2092-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRVG2092-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRVG2092-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRVG2092-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRVG2092-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Package Dimensions
LSRVG2092-PF
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation
18.0MIN
1
2
3
1.ANODE GREEN
2.COMMON CATHODE
3.ANODE RED
2.54TYP
2.54TYP
2.0MIN
2.0MIN
5.2
6.7
±0.5
4.2
VG
0.5
TYP
1
1.5
MAX
23
SR
4.0
3.0
-60
°
-30
°
0
°
30
°
60
°
25%
50%
75%
100%
100%
75%
50%
25%
0



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com