전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NLP250 데이터시트(PDF) 3 Page - Emerson Network Power

부품명 NLP250
상세설명  Active PFC and EN61000-3-2 compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMERSON-NETWORKPOWER [Emerson Network Power]
홈페이지  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250 데이터시트(HTML) 3 Page - Emerson Network Power

  NLP250_10 Datasheet HTML 1Page - Emerson Network Power NLP250_10 Datasheet HTML 2Page - Emerson Network Power NLP250_10 Datasheet HTML 3Page - Emerson Network Power NLP250_10 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.10.1.09_1
NLP250 Series
 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
4.700 (119.38)
5.500 (139.70)
M3.0
4 PLACES
BOTTOM VIEW
5.850 (148.59)
6.250 (158.75)
0.25 (6.35)
6-32
4 PLACES
CUSTOMER MOUNTING HOLES
MAX. SCREW PENETRATION 0.08IN
M3.0
6-32
1
J2
VR7
7.000 [177.80]
N
L
E
J1
J4
1
J3
1
JP1
1.500 [38.10]
1.140
(28.96)
Notes
1 Freeairconvection.Maximumcontinuousoutputpowernottoexceed175 W.
RefertoFigure1forthederatingcurve.
2 200LFM(250LFMwithcover)forcedaircoolingfromthelongerside.
Maximumcontinuousoutputpowernottoexceed250W.
3 Figureispeak-to-peakforroomtemperaturerating.Outputnoise
measurementsaremadeacrossa20MHzbandwidthusinga6inchtwisted
pair,terminatedwitha10µFtantalumcapacitoranda0.1µFceramic
capacitor.
4 CAUTION:Allowaminimumof1secondafterdisconnectinglinepower
whenmakingthermalmeasurements.Foroptimumreliabilitynopartofthe
heatsinkshouldexceed115°Candnosemi-conductorcasetemperature
shouldexceed120°C.
5 Noexternalfilteringrequiredduringconductedemissionstestingbutsome
applicationsmayrequireadditionalfilteringtoachievesystemcompliance.
CompliancewithradiatedEMIspecificationsmayrequiremountingina
suitableenclosure.
6 Thisproductisonlyforinclusionbyprofessionalinstallerswithinother
equipmentandmustnotbeoperatedasastandaloneproduct.
7 Threeorthogonalaxes,randomvibration10minutesforeachaxes,2.4G
8 5Vsb(standby)outputisavailablewheneverACispresent,regardlessof
remoteON/OFFsignalstatus.12V(fan)presentwhenmainoutputispresent.
9 The‘J’suffixindicatesthatthesepartsarePb-free(RoHS6/6)compliant.
“CJ”suffixindicatescoveredRoHSversion.
10 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontactyourlocal
EmersonNetworkPowerrepresentativeorusetheon-linemodelnumber
searchtoolathttp://www.PowerConversion.comtofindasuitablealternative.
OrderingInformation
OutputVoltage
Output Current
Ripple(3)
TotalRegulation
ModelNumbers(9,10)
Min
Max(freeair)(1,4) Max(forcedair)(2,4)
12V
0A
14.6A
21A
120mV
±2.0%
NLP250R-96S12J
24V
0A
7.3A
10.5A
240mV
±2.0%
NLP250R-96S24J
48V
0A
3.65A
5.25A
480mV
±2.0%
NLP250R-96S48J
MechanicalDrawing



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com