전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7541 데이터시트(PDF) 77 Page - Sitronix Technology Co., Ltd.

부품명 ST7541
상세설명  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7541 데이터시트(HTML) 77 Page - Sitronix Technology Co., Ltd.

Back Button ST7541 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7541 Datasheet HTML 78Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
ST7541
Ver 1.9
77/78
2007/9/3
ST7541
Internal analog circuit
Resolution : 129(128COM+ICOM)*128(SEG)
Interface : I2C
OSC1:External for input
(the same pin shoud be connected together,
for example,pin246(D0) connect to pin247(D0)
exclude power pin)
SA[1:0]:VDD OR VSS=(0,0)
(SA[1:0] are Slave address of I2C)
PS0:VSS
PS1:VSS
PS2:VDD
TA:VSS
TB:VSS
REF:VDD
INTRS:VDD
VR:OPEN
VEXT:OPEN
T0~T9:OPEN
MF[2:0]:VDD OR VSS=(0,0,0)
DS[1:0]:VDD OR VSS=(0,0)
(MF[2:0]&DS[1:0] is ID of this IC,
these pins cannot be left open)
C=1uF ; R=10K歐姆
233
PS1
232
PS0
235
VSS
234
PS2
231
VDD
230
T9
244~245
E_RD
242~243
RW_WR
240~241
A0
236~237
CSB
VDD2
268~283
262~267
VDD
250~251
D2(SDA_OUT)
248~249
D1(SA1)
246~247
D0(SA0)
335
VDD
326~334
T8~T0
320~325
VOUT_IN
314~319
VOUT_OUT
306
TA
340
INTRS
339
VDD
344
VDD
342~343
OSC1
238~239
RST
284~299
VSS2
300~305
VSS
310
MF0
309
MF1
308
MF2
307
TB
311
DS0
313
VDD
312
DS1
337
VSS
336
REF
338
VEXT
341
VSS
256~257
D5(SDA_IN)
254~255
D4(SDA_IN)
252~253
D3(SDA_OUT)
260~261
D7(SCL)
258~259
D6(SDA_IN)
345~346
VR
351~352
V0
350
V1
348
V3
347
V4
349
V2
228
COM127
218
COM117
196
COM95
165
COM64
161~164
RESERVE
160
SEG127
33
SEG0
32
COMS1
1
COM30
364
COM52
................
................
................
31
COM0
229
COMS2
353
COM63
................
VOUT
SCL
3
6
1
VDD
SDA
2
VSS
11
8
9
10
7
5
4
RST
V4
V1
V2
V3
V0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com