| 전자부품 데이터시트 검색엔진 |
|
ST7773 데이터시트(PDF) 43 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7773 데이터시트(HTML) 43 Page - Sitronix Technology Co., Ltd. |
|
43 / 128 page ![]() ST7773 Ver. 2.0 2008-07-07 43 9.9 Display Data RAM 9.9.1 Configuration The display module has an integrated 176x220x18-bit graphic type static RAM. This 696,960-bit memory allows to store on-chip a 176xRGBx220 image with an 18-bpp resolution (262K-color). There will be no abnormal visible effect on the display when there is a simultaneous Panel Read and Interface Read or Write to the same location of the Frame Memory. Fig. 9.9.1 Display data RAM organization |