전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B41890 데이터시트(PDF) 2 Page - EPCOS

부품명 B41890
상세설명  Aluminum electrolytic capacitors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B41890 데이터시트(HTML) 2 Page - EPCOS

  B41890 Datasheet HTML 1Page - EPCOS B41890 Datasheet HTML 2Page - EPCOS B41890 Datasheet HTML 3Page - EPCOS B41890 Datasheet HTML 4Page - EPCOS B41890 Datasheet HTML 5Page - EPCOS B41890 Datasheet HTML 6Page - EPCOS B41890 Datasheet HTML 7Page - EPCOS B41890 Datasheet HTML 8Page - EPCOS B41890 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Long-life grade capacitors for automotive electronics and
lighting applications
Applications
High-reliability equipment in automotive, LED lighting and
industrial electronics
Features
High reliability and long useful life
High ripple current capability
Extra long useful life (10000 to 15000 h/105
°C)
RoHS-compatible
Construction
Charge-discharge proof, polar
Aluminum case with insulating sleeve
Minus pole marking on the insulating sleeve
Case with safety vent
Delivery mode
Terminal configurations and packing:
Bulk
Taped, Ammo pack
Cut
Kinked
PAPR (protection against polarity reversal):
crimped leads, J leads, bent leads
Refer to chapter "Single-ended capacitors
Taping, packing
and lead configurations" for further details and ordering
example.
Single-ended capacitors
B41890
Extended useful life
105
°C
Page 2 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29