전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SR08051R5ML 데이터시트(PDF) 7 Page - ABC Taiwan Electronics Corp

부품명 SR08051R5ML
상세설명  SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABC [ABC Taiwan Electronics Corp]
홈페이지  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR08051R5ML 데이터시트(HTML) 7 Page - ABC Taiwan Electronics Corp

  SR08051R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR08051R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR08051R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR08051R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR08051R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR08051R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR08051R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR08051R5ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
Coat Typ
Page 1 of 2
Page 2 of 2
fies base coated magnet wire twisted together and covered with top coat overall.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
, material designation or marked designation on packaed or reel, and
Coat Typ
September 8, 2000
Polyesterimide
EILOCKW
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
AR-001A
See General Information Preceding These Recognitions
Recognized Component Mark.
Marking: Company name or trademarks
287806002
榮星電線
or
____
Modified Polyester
SF.BW@
Mark
Dsg
Dsg
UEW-2
UEW-1
SFFY
UEY-2
UEY
UEW-4
SFFW
Mtl
287806002
BC
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
____
____
____
____
____
____
____
Polyurethane
SF.FLW
SF.FLY@
SF.BY@
SF.EIW
SF.BLOCKBS
SF.EILOCKY#
SF.EILOCKBS
EIW
EIW-2
PEY
PEW
LSUEW
LSFFW
FL.EILOCKY
____
Modified Polyester
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Modified Polyester
Modified Polyester
____
____
____
____
____
Modified
Polyester
Polyesterimide
Modified Polyester
Polyesterimide
____
____
____
____
____
____
____
____
Polyurethane
Polyester
Polyester
Polyurethane
Ⅹ﹒UL CARD:
NAME
PROD.
OBMW2
Magnet Wire-Component
HSIEN TAIWAN
Dsg
Mark
JUNG SHING WIRE CO LTD
AIW
Dsg
Mtl
EILOCKY
EIAIW
CFUEWB
Polyesterimide
Polyesterimide
Polyamideimide
____
____
____
____
____
Polyurethane
BC
SMD POWER INDUCTOR
REF : 20090505-B
Modified
Epoxy
200
September 8 , 2000
OBMW2⁄E174837
MW26C
155
____
A not-for-profit organization
dedicated to public safety and
comm itted to quality service
Type
OC
Polyamide
Nylon
Polyamide
____
____
____
MW75C
MW28-C
MW28-C
___
MW2-C
MW80C
ANSI
MW79
Class
130
130
130
130
105
155
Temp
155
MW74-C
MW24-C
MW79-C
MW27-C
MW27-C
MW26C
____
Nylon
Nylon
Modified
Polyamide
Modified
Polyamide
Polyamide
___
___
___
MW77C
Nylon
Polyamide
____
____
____
____
____
____
___
___
___
___
155
155
180
180
155
155
180
155
155
130
155
200
155
220
Polyamideimide
Polyamide
____
OC
____
MW81-C
___
___
MW35C
MW75C
Type
ANSI
220
180
200
130
Class
Temp
E174837
SR0805□□□□L□-□□□
PAGE: 7



Html Pages

1 2 3 4 5 6 7 8