전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SDKS 데이터시트(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

부품명 SDKS
상세설명  Explosion-prevention Standards Qualified Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKS 데이터시트(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SDKS Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKS Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKS Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
218
Push
Type
Rocker
Type
Slide
Type
Rotary
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Terminal No.c
Terminal No.2
Terminal No.1
(35
゚)
27
77
9.65
3.2
8.4
9.9
6
20.1
3-0.5
29.8
Within the OFF range
Can be used as a terminal #187.
Circuit Diagram
Style
Mounting hole dimensions
Dimensions
Unit:mm
A
27.55
SPST
1
C
SPDT
12
C
SPDT
Panel thickness
A
B
1
23.8
21.35
2.54
24.3
21.6
No.
2
Explosion-prevention Standards Qualified Type
SDKS Series
Power Switch



Html Pages

1 2 3