전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1105 데이터시트(PDF) 14 Page - ams AG

부품명 AS1105
상세설명  Serially Interfaced, 4-Digit LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1105 데이터시트(HTML) 14 Page - ams AG

Back Button AS1105 Datasheet HTML 7Page - ams AG AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG AS1105 Datasheet HTML 10Page - ams AG AS1105 Datasheet HTML 11Page - ams AG AS1105 Datasheet HTML 12Page - ams AG AS1105 Datasheet HTML 13Page - ams AG AS1105 Datasheet HTML 14Page - ams AG AS1105 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
www.austriamicrosystems.com
Revision 1.34
14 - 15
AS1105
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products listed in Table 18.
Table 18. Ordering Information
Part
Temp Range
Package
Delivery Form
AS1105WL
-40ºC to +85ºC
20-pin SOIC
Tubes
AS1105WL-T
-40ºC to +85ºC
20-pin SOIC
T&R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15