전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1106 데이터시트(PDF) 17 Page - ams AG

부품명 AS1106
상세설명  8-Digit LED Display Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1106 데이터시트(HTML) 17 Page - ams AG

Back Button AS1106 Datasheet HTML 12Page - ams AG AS1106 Datasheet HTML 13Page - ams AG AS1106 Datasheet HTML 14Page - ams AG AS1106 Datasheet HTML 15Page - ams AG AS1106 Datasheet HTML 16Page - ams AG AS1106 Datasheet HTML 17Page - ams AG AS1106 Datasheet HTML 18Page - ams AG AS1106 Datasheet HTML 19Page - ams AG AS1106 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.austriamicrosystems.com
Revision 2.24
17 - 20
AS1106, AS1107
Data Sheet - Pa ckage Drawings and Mark ings
10 Package Drawings and Markings
The AS1106 and AS1107 are available in 24-pin DIP and 24-pin SOIC packages.
Figure 15. 24-pin DIP Package
Note: All dimensions in inches.
Symbol
Min
Max
B0.18
B1
0.050
C0.10
D1.160
D1
0.30
0.60
E.295
.320
ID
0.64
ID1
0.64
E1
.260
eA
.320
.370
e1
0.10
L.125
R.030
T.130
T1
.060
T2
.060
W
.030 REF
α1
7º
α2
7º
α3
7º
α4
7º
P’
.760
A.145
.170
A1
.015
.040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20